Part Number Hot Search : 
AS1100 KD520 PFT1306N FAN6206 BCPZRL MC33285D LOL29K 74AUP1
Product Description
Full Text Search
 

To Download FB180SA10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD- 91651C
FB180SA10
HEXFET(R) Power MOSFET
l l l l l l l l
Fully Isolated Package Easy to Use and Parallel Very Low On-Resistance Dynamic dv/dt Rating Fully Avalanche Rated Simple Drive Requirements Low Drain to Case Capacitance Low Internal Inductance
D
VDSS = 100V RDS(on) = 0.0065W
G
ID = 180A
S
Description
Fifth Generation, high current density HEXFETS are paralled into a compact, high power module providing the best combination of switching, ruggedized design, very low ON resistance and cost effectiveness. The isolated SOT-227 package is preferred for all commercial - industrial applications at power dissipation levels to approximately 500 watts. The low thermal resistance and easy connection to the SOT227 package contribute to its universal acceptance throughout the industry.
S O T -22 7
Absolute Maximum Ratings
Parameter
ID @ TC = 25C ID @ TC = 100C IDM PD @TC = 25C VGS EAS IAR EAR dv/dt TJ TSTG VISO Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Insulation Withstand Voltage (AC-RMS) Mounting torque, M4 srew
Max.
180 120 720 480 2.7 20 700 180 48 5.7 -55 to + 150 2.5 1.3
Units
A W W/C V mJ A mJ V/ns C kV N*m
Thermal Resistance
Parameter
RqJC RqCS Junction-to-Case Case-to-Sink, Flat, Greased Surface
Typ.
--- 0.05
Max.
0.26 ---
Units
C/W
1
www.irf.com
2/1/99
FB180SA10
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
Parameter Drain-to-Source Breakdown Voltage DV(BR)DSS/DTJ Breakdown Voltage Temp. Coefficient RDS(on) Static Drain-to-Source On-Resistance VGS(th) Gate Threshold Voltage gfs Forward Transconductance V(BR)DSS IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ls Ciss Coss Crss Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Min. 100 --- --- 2.0 93 --- --- --- --- --- --- --- --- --- --- --- --- Typ. Max. Units Conditions --- --- V VGS = 0V, ID = 250A 0.093 --- V/C Reference to 25C, ID = 1mA --- 0.0065 W VGS = 10V, ID = 108A --- 4.0 V VDS = VGS, ID = 250A --- --- S VDS = 25V, ID = 108A --- 50 VDS = 100V, VGS = 0V A --- 500 VDS = 80V, VGS = 0V, TJ = 125C --- 200 VGS = 20V nA --- -200 VGS = -20V 250 380 ID = 180A 40 60 nC VDS = 80V 110 165 VGS = 10.0V, See Fig. 6 and 13 45 --- VDD = 50V 351 --- ID = 180A ns 181 --- RG = 2.0W (Internal) 335 --- RD = 0.27W See Fig. 10 , 5.0 --- nH Between lead, and center of die contact --- 10700 --- VGS = 0V --- 2800 --- pF VDS = 25V --- 1300 --- = 1.0MHz, See Fig. 5
Source-Drain Ratings and Characteristics
IS
ISM
V SD t rr Qrr ton
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time
Min. Typ. Max. Units
Conditions MOSFET symbol --- --- 180 showing the A integral reverse --- --- 720 p-n junction diode. --- --- 1.3 V TJ = 25C, IS = 180A, VGS = 0V --- 300 450 ns TJ = 25C, IF = 180A --- 2.6 3.9 C di/dt = 100A/s Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Notes:
Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
I 180A, di/dt 83A/s, VDD V(BR)DSS, SD
TJ 150C
Starting TJ = 25C, L =43H
RG = 25W , IAS = 180A. (See Figure 12)
Pulse width 300s; duty cycle 2%.
2
www.irf.com
FB180SA10
1000
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
1000
I D , Drain-to-Source Current (A)
100
I D , Drain-to-Source Current (A)
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
100
4.5V
4.5V
10
10
1 0.1
20s PULSE WIDTH TJ = 25 C
1 10 100
1 0.1
20s PULSE WIDTH TJ = 150 C
1 10 100
VDS , Drain-to-Source Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
1000
2.5
TJ = 150 C
R DS(on) , Drain-to-Source On Resistance (Normalized)
ID = 180A
I D , Drain-to-Source Current (A)
2.0
100
1.5
TJ = 25 C
1.0
10
0.5
1 4 5 6 7
V DS = 25V 20s PULSE WIDTH 8 9 10
0.0 -60 -40 -20
VGS = 10V
0 20 40 60 80 100 120 140 160
VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
FB180SA10
20000
C, Capacitance (pF)
15000
VGS , Gate-to-Source Voltage (V)
VGS = Ciss = Crss = Coss =
0V, f = 1MHz Cgs + Cgd , Cds SHORTED Cgd Cds + Cgd
20
ID = 180 A VDS = 80V VDS = 50V VDS = 20V
15
Ciss
10000
10
Coss
5000
Crss
5
0 1 10 100
0 0 50 100 150 200
FOR TEST CIRCUIT SEE FIGURE 13
250 300 350 400
VDS , Drain-to-Source Voltage (V)
Q G , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
1000
10000
ISD , Reverse Drain Current (A)
OPERATION IN THIS AREA LIMITED BY RDS(on) TJ = 150 C
1000 10us
I D , Drain Current (A)
100
10
100
100us 1ms
TJ = 25 C
1
10
10ms
0.1 0.2
V GS = 0 V
0.6 1.0 1.4 1.8
1 1
TC = 25 C TJ = 150 C Single Pulse
10 100 1000
VSD ,Source-to-Drain Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
FB180SA10
200 175
VDS VGS RG
RD
D.U.T.
+
I D , Drain Current (A)
150 125 100 75
-VDD
10V
Pulse Width 1 s Duty Factor 0.1 %
Fig 10a. Switching Time Test Circuit
50
VDS
25 0 25 50 75 100 125 150
90%
TC , Case Temperature ( C)
10% VGS
Fig 9. Maximum Drain Current Vs. Case Temperature
td(on)
tr
t d(off)
tf
Fig 10b. Switching Time Waveforms
1
Thermal Response (Z thJC )
D = 0.50 0.1 0.20 0.10 0.05 0.02 0.01 SINGLE PULSE (THERMAL RESPONSE) P DM t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak TJ = P DM x Z thJC + TC 0.0001 0.001 0.01 0.1
0.01
0.001 0.00001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com
5
FB180SA10
EAS , Single Pulse Avalanche Energy (mJ)
1500
1 5V
1200
ID 71A 100A BOTTOM 160A TOP
VD S
L
D R IVE R
900
RG
20V
D .U .T
IA S tp
+ V - DD
A
600
0 .0 1
Fig 12a. Unclamped Inductive Test Circuit
300
0 25 50 75 100 125 150
V (B R )D S S tp
Starting T , Junction Temperature( C) J
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
IAS
Fig 12b. Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
50K
QG
12V
.2F .3F
10 V
QGS VG QGD
VGS
3mA
D.U.T.
+ V - DS
Charge
IG
ID
Current Sampling Resistors
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
6
www.irf.com
FB180SA10
Peak Diode Recovery dv/dt Test Circuit
D.U.T
+
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
-
+
RG * * * * dv/dt controlled by RG Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test
+ VDD
Driver Gate Drive P.W. Period D=
P.W. Period VGS=10V
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
VDD
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
* VGS = 5V for Logic Level Devices Fig 14. For N-Channel HEXFETS
www.irf.com
7
FB180SA10
SOT-227 Package Details
4 .40 (.1 73 ) 4 .20 (.1 65 ) 4 38.3 0 ( 1.5 08 ) 37.8 0 ( 1.4 88 ) -A 3 6 .25 ( .246 ) 12.5 0 ( .49 2 ) 25 .7 0 ( 1 .012 ) 25 .2 0 ( .9 92 ) -B 1 7 .50 ( .295 ) 3 0.2 0 ( 1.18 9 ) 2 9.8 0 ( 1.17 3 ) 4X 2.1 0 ( .082 ) 1.9 0 ( .075 ) 8.10 ( .319 ) 7.70 ( .303 ) 0.25 ( .010 ) M C A M B M 2.10 ( .08 2 ) 1.90 ( .07 5 ) -C0.12 ( .005 ) 12.30 ( .4 84 ) 11.80 ( .4 64 ) 2 R FU L L 15.00 ( .590 ) 4 1 K1 A2 H E X FR E D G E IG B T A1 K2 3 2 C H AM FE R 2 .00 ( .0 79 ) X 4 5 7 LE A D A S S IG M E NT S E C 4 1 G S H E XFET S D 3 2
Tube
Q UANTITY PE R TUBE IS 1 0 M4 SR EW AND W ASHE R IN CLU DED
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331 IR GREAT BRITAIN: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020 IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200 IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590 IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111 IR FAR EAST: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086 IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 838 4630 IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673, Taiwan Tel: 886-2-2377-9936 http://www.irf.com/ Data and specifications subject to change without notice. 2/99
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of FB180SA10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X